p erformance specifications single window single mode features single fusion compact package ultra low polarization sensitivity wavelength independent highly stable & reliable applications swfc1x3 series oplink?s single window, single mode wideband fiber couplers are highly stable for multi-port optical signal splitting. they have very good uniformity, low excess loss and very low polarization sensitivity. all devices are tested according to industry standard test procedures and are supplied with all pertinent measurement data. o plink can p r o vide customi z ed designs to meet speciali z ed featu r e applications. also , o plink offers modular assemblies that integrate other components to form a full functio n module or subsystem . oplink communications, inc. r10.20070801 single window , single mode wideband fiber coupler (1x3) wideband fiber coupler (1x3) l ? comm port 1 port 2 port 3 catv local area networks subscriber loops telecommunications swfc53/33 series (1x3 ) premiu m grade a uni t configu r a tio n 1x 3 ope r a ting w a v elength 1290 ~1330 or 1528~1565 or 1570~1610 n m inse r tion loss * < 5.5 < 5.8 d b d b d b d b t empe r a tu r e dependent loss < 0.15 < 0.20 uniformi t y < 0.9 < 1.3 p olariz a tion dependent loss < 0.10 < 0.16 di r ectivi t y > 5 5 d b maxi m um p ow er handling 5 0 0 m w ope r a ting t empe r a tu r e - 1 0 t o + 7 0 c s t o r age t empe r a tu r e - 4 0 t o + 8 5 c p ac k age dimension * * p1: 2 5 0 m smf- 2 8 bare fibe r (? )3.0 x (l) 60 p2: 9 0 0 m loose tub e (? )4.0 x (l) 7 0 p3: 3mm cabl e (l) 9 6 x (w) 1 7 x (h)6. 4 values are referenced without connector loss . * couplers with unequal splitting ratio are also available. please contact oplink sales and marketing department for more detailed information . * * the mechanical tolerance should be +/ - 0.2 mm on all package dimensions unless otherwise custom specified . m m
ordering information swfc1x3 series oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplink's oem design team or account manager for your requirements and ordering information (510) 933-7200. r10.20070801 46335 landing parkway fremon t, ca 94538-6407 tel: (510 933-7200 fax: (510) 933-7300 email: sales@oplink.com product lines mux/demux switching/routing coupling/splitting monitoring/conditioning interconnect amplification rgb laser modules 0 0 3 3 3 connector type none= 1 fc/pc= 2 fc/spc= 3 fc/apc= 4 sc/pc= 5 sc/spc= 6 sc/apc= 7 st= 8 lc= 9 mu= a swfc package & fiber type p1+ 250m bare fiber = 11 p2+ 900m loose tube= 22 p3+ 3mm cable= 33 fiber length 1.0 meter= 1 1.5 meter= 5 2.0 meter= 2 0.5 meter= h wavelength 1550nm= 5 1310nm= 3 type 1x3= 3 grade p grade= p a grade= a single window single mode wideband fiber coupler (1x3) split ratio 33/33/33/33= 33 ** * 1 meter is standard. the lead time for special fiber length will be longer.
|